Part Number Hot Search : 
74HCT37 FP6191PM MAX11 HC173 9C036 D4SBL40 AX145 ADL5201
Product Description
Full Text Search
 

To Download QML2E123JSF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLASTIC FILM CAPACITORS
ML
Metallized Polyphenylene Sulfide Film Chip Capacitor
series
Lead frame outer electrode. Resonance circuit for LCD backlighting inverter unit Applicable for reflow soldering. [ Lead-free correspondence] Adapted to the RoHS directive (2002/95/EC).
Specifications
Item Category Temperature Range Rated Voltage (UR) Performance Characteristics
Type numbering system (Example : 100VDC 0.1F)
- 40 ~ +125C (Rated temperature : 105C) 100VDC / 63VAC , 250VDC / 80VAC 5% (J), 10% (K) 0.15% or less (at 1kHz 20C)
15,000 M min Between Terminals : Rated Voltage (UR) x 150% 60S Case less (Liquefied Epoxy resin) Reflow : Peak 250C, 10S less than JIS C 5101-20, EIAJ RC-2349
Category voltage = UR x 0.8
Rated Capacitance Range 0.01 ~ 0.22F Capacitance Tolerance Dielectric Loss Tangent Insulation Resistance Withstand Voltage Encapsulation Resistance to Soldering heat Related standard
QM L 2 A 1 0 4 J S F
1 2 3 4 5 6 7 8 9 10 11 12 Taping code (Refer to P.293 for details) Configuration (SF : Polyphenylenes sulfide,, Tin plating lead frame) Tolerance (5% : J 10% : K) Rated Capacitance (0.1F) Rated voltage (2A : 100VDC, 2E : 250VDC) Series name Type
Drawing Land Dimensions
Voltage ( V ) 100 250 100 250 Cap ( F) 0.01 ~ 0.15 0.01 ~ 0.056 0.18 ~ 0.22 0.068 ~ 0.1 A 5.5 8.0 B 10.0 12.6 C 4.0 4.0
V0.2 C A H0.2 B L0.2 z MAX W0.4 x min y 0.2
Dimensions
Cap.(F) 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 0.12 0.15 0.18 0.22
Code
Unit : (mm) V(Code) Size 103 123 153 183 223 273 333 393 473 563 683 823 104 124 154 184 224 100VDC / 63VAC (2A) H 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.5 3.5 3.0 3.5 L 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 10.6 10.6 W 5.2 5.3 5.3 5.2 5.3 5.3 5.3 5.2 5.3 5.3 5.3 5.5 5.8 6.1 6.5 6.8 7.0 v 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 x 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 7.6 7.6 y 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 z 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3
Taping code
250VDC / 80VAC (2E) H 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.5 3.5 3.5 3.5 3.5 L 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 8.1 10.6 10.6 10.6 W 5.2 5.3 5.3 5.2 5.3 5.3 5.5 6.3 6.3 7.0 7.1 7.2 7.8 v 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 x 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 5.1 7.6 7.6 7.6 y 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 4.2 z 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.3
Taping code
A A A A A A A A A A A A B B B C C
A A A A A A A B B B C C E
CAT.8100V


▲Up To Search▲   

 
Price & Availability of QML2E123JSF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X